Part Number Hot Search : 
AS1100 KD520 PFT1306N FAN6206 BCPZRL MC33285D LOL29K 74AUP1
Product Description
Full Text Search
 

To Download 713AK110B08106-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Adapters and Transitions
713-100 Metal Straight, 45, and 90 Connector Adapters for Series 72 & 74 Tubing and Series 75 Conduit
713 A S 100 M 16 1 32-4 Product Series Connector Designator (Pages F-4 to F-6) Angular Function S = Straight K = 45 L = 90 Adapter Material 100 = Aluminum 101 = Brass 110 = Stainless Steel Length - S Only [In 1/2 inch (12.7 mm) increments, e.g. 4 = 2 inches] See Page F-15 Conduit Dash Number (Table II) 1 = Style 1 Shell Size (Table I) Finish (Table III)
O-RING A THREAD (Page F-17)
LENGTH (Page F-15)
C OR D DIA (Page F-17)
J DIA TYP
H THREAD F 45 D
G
E
Metric dimensions (mm) are in parentheses.
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com G-16
713-100 Metal Straight, 45, and 90 Connector Adapters for Series 72 & 74 Tubing and Series 75 Conduit
TABLE I SHELL SIZE * H 08 10 12 14 16 18 20 22 24 28 32 36 09 11 13 15 17 19 21 23 25 MAX CONDUIT DASH NO. REF ** 08 12 16 20 24 24 32 32 40 40 48 64 * ** D MAX .531 (13.5) .625 (15.9) .688 (17.5) .719 (18.3) .906 (23.0) .968 (24.6) 1.031 (26.2) 1.156 (29.4) 1.219 (31.0) 1.281 (32.5) 1.593 (40.5) 1.718 (43.6) E MAX .781 (19.8) .906 (23.0) .906 (23.0) 1.000 (25.4) 1.062 (27.0) 1.062 (27.0) 1.093 (27.8) 1.156 (29.4) 1.281 (32.5) 1.531 (38.9) 1.719 (43.7) 1.906 (48.4) F MAX G MAX
.437 (11.1) .625 (15.9) .500 (12.7) .656 (16.7) .500 (12.7) .719 (18.3) .562 (14.3) .781 (19.8) .656 (16.7) .844 (21.4) .656 (16.7) .844 (21.4) .719 (18.3) .844 (21.4) .812 (20.6) .906 (23.0) .812 (20.6) .906 (23.0) 1.093 (27.8) .906 (23.0) 1.093 (27.8) 1.219 (31.0) 1.156 (29.4) 1.281 (32.5)
Connector Designators A-D-E-F-J-K-L-S. Dimensions D-E-F-G apply to connector Shell Size and Conduit Dash No. combinations listed. When larger Conduit Dash Numbers are selected, consult factory for dimensions.
CONDUIT DASH NO. 06 08 09 10 12 14 16 20 24 28 32 40 48 56 64 80 ***
TABLE II AVAILABILITY H THREAD 72 74 75 CLASS 2A 06 7/16 - 28 UNEF 08 1/2 - 20 UNF 09 09 9/16 - 24 UNEF 10 9/16 - 24 UNEF 12 12 12 5/8 - 24 UNEF 14 11/16 - 24 UNEF 16 16 16 3/4 - 20 UNEF 20 20 20 7/8 - 20 UNEF 24 24 24 1 - 20 UNEF 28 28 1 3/16 - 18 UNEF 32 32 32 1 5/16 - 18 UNEF 40 40 40 1 1/2 - 18 UNEF 48 48 1 3/4 - 18 UNS 56 56 2 - 18 UNS 64 64 2 1/4 - 16 UN 80 2 3/4 - 16 UN
TABLE III J DIA + .015 (.4) .193 (4.9) .255 (6.5) .286 (7.3) .317 (8.1) .380 (9.7) .442 (11.2) .505 (12.8) .630 (16.0) .755 (19.2) .880 (22.4) 1.005 (25.5) 1.255 (31.9) 1.505 (38.2) 1.755 (44.6) 2.005 (50.9) 2.505 (63.6)
SYMBOL B J FINISH Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel Passivate
M N
NC NF
T Z1
*** Consult factory for adapters using 3.000 inch (76.2) conduit
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com G-17
Adapters and Transitions


▲Up To Search▲   

 
Price & Availability of 713AK110B08106-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X